전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIM-3337K5F 데이터시트(PDF) 2 Page - Unity Opto Technology

부품명 MIM-3337K5F
상세설명  INFRARED RECEIVER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UOT [Unity Opto Technology]
홈페이지  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-3337K5F 데이터시트(HTML) 2 Page - Unity Opto Technology

  MIM-3337K5F Datasheet HTML 1Page - Unity Opto Technology MIM-3337K5F Datasheet HTML 2Page - Unity Opto Technology MIM-3337K5F Datasheet HTML 3Page - Unity Opto Technology MIM-3337K5F Datasheet HTML 4Page - Unity Opto Technology MIM-3337K5F Datasheet HTML 5Page - Unity Opto Technology MIM-3337K5F Datasheet HTML 6Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INFRARED RECEIVER MODULE
MIM-3xx7K5F
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Remark
Supply voltage
Vs
-0.3 ~ 6.0
V
Supply Current
Is
2.5
mA
Operating temperature
Topr
-25 ~ + 85
oC
Storage temperature
Tstg
-25 ~ + 85
oC
Soldering temperature
Tsd
260
oC
t≦5 s, 1mm from case
Junction Temperature
Tj
100
oC
Electro-optical characteristics (Vcc=3.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Supply Voltage
Vs
2.7
3.0
5.5
V
Current consumption
Icc
1.1
2.5
mA
Under no signal
Response wavelength
lp
940
nm
Output form
- - - - - active low output - - - - -
H level output voltage
V0h
2.8
3.0
V
L level output voltage
V0l
0.2
0.4
V
H level output pulse width
Twh
500
800
ms
L level output pulse width
Twl
500
800
ms
Distance between emitter & detector
L1
10.0
m
Note 1
Half angle
Dq
±45
deg
Horizonal direction
Test Method
A. Standard Transmitter
REV: A1
12/09/2003
Unity Opto Technology Co., Ltd.
@ Ta=25
oC
ON/OFF pulse width satisfied from 25 cm to detection limit
Fig 2. Standard Transmitter Measurement circuit
+5.0V
10
mF
Vout
25cm
Transmitter
Duty 50%
Oscilloscope
GND
10k
W
carrier frequency f0
duty 50%
600
ms
Fig 1. Burst Wave
600
ms
600
ms
2/6



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com