전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST63140 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 ST63140
상세설명  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 38Page - STMicroelectronics ST63140 Datasheet HTML 39Page - STMicroelectronics ST63140 Datasheet HTML 40Page - STMicroelectronics ST63140 Datasheet HTML 41Page - STMicroelectronics ST63140 Datasheet HTML 42Page - STMicroelectronics ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
Compatibility S-BUS/I
2CBUS
Using the S-BUS protocol it is possible to imple-
ment mixed system including S-BUS/I
2CBUS bus
peripherals. In order to have the compatibility with
the I
2CBUS peripherals, the devices including the
S-BUS interface must have their SDA and SEN
pins connected together as shown in the following
(a)
(b)
(c)
Figure 44.S-BUS/I
2C BUS Mixed Configurations
SERIAL PERIPHERAL INTERFACE (Continued)
Figure 44 (a and b). It is also possible to use mixed
S-BUS/I
2CBUS protocols as showed in Figure 48
(c). S-BUS peripherals will only react to S-BUS
protocol signals, while I
2CBUS peripherals will
only react to I
2CBUS signals. Multimaster configu-
ration is not possible with the ST631xx SPI (single
master only).
®
ST63140,142,126,156
38/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86