전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST6397 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 ST6397
상세설명  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6397 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button ST6397 Datasheet HTML 19Page - STMicroelectronics ST6397 Datasheet HTML 20Page - STMicroelectronics ST6397 Datasheet HTML 21Page - STMicroelectronics ST6397 Datasheet HTML 22Page - STMicroelectronics ST6397 Datasheet HTML 23Page - STMicroelectronics ST6397 Datasheet HTML 24Page - STMicroelectronics ST6397 Datasheet HTML 25Page - STMicroelectronics ST6397 Datasheet HTML 26Page - STMicroelectronics ST6397 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Interrupt Procedure
The interrupt procedure is very similar to a call pro-
cedure; the user can consider the interrupt as an
asynchronous call procedure. As this is an asyn-
chronous event the user does not know about the
context and the time at which it occurred. As a re-
sult the user should save all the data space regis-
ters which will be used inside the interrupt routines.
There are separate sets of processor flags for nor-
mal, interrupt and non-maskable interrupt modes
which are automatically switched and so these do
not need to be saved.
The following list summarizes the interrupt proce-
dure (refer also to Figure 21. Interrupt Processing
Flow Chart):
- Interrupt detection
- The flags C and Z of the main routine are ex-
changed with the flags C and Z of the interrupt
routine (resp. the NMI flags)
- The value of the PC is stored in the first level of
the stack - The normal interrupt lines are inhib-
ited (NMI still active)
- The edge flip-flop is reset
- The related interrupt vector is loaded in the PC.
- User selected registers are saved inside the in-
terrupt service routine (normally on a software
stack)
- The source of the interrupt is found by polling
(if more than one source is associated to the
same vector)
- Interrupt servicing
- Return from interrupt (RETI)
- Automatically the ST639x core switches back
to the normal flags (resp the interrupt flags)
and pops the previous PC value from the stack
The interrupt routine begins usually by the identifi-
cation of the device that has generated the inter-
rupt request. The user should save the registers
which are used inside the interrupt routine (that
holds relevant data) into a software stack.
After the RETI instruction execution, the Core car-
ries out the previous actions and the main routine
can continue.
ST639x Interrupt Details
IR Interrupt (#0). The IRIN/PC6 Interrupt is con-
nected to the first interrupt #0 (NMI, 0FFCh). If the
IRINT interrupt is disabled at the Latch circuitry,
then it will be high. The #0 interrupt input detects a
high to low level. Note that once #0 has been
latched, then the only way to remove the latched
#0 signal is to service the interrupt. #0 can interrupt
the other interrupts. A simple latch is provided from
the PC6(IRIN) pin in order to generate the IRINT
signal. This latch can be triggered by either the
positive or negative edge of IRIN signal. IRINT is
inverted with respect to the latch. The latch can be
read by software and reset by software.
INTERRUPT (Continued)
LOAD PC FROM
INTERRUPT VECTOR
( FF C / FFD )
SET
INTE RRUPT MAS K
PUSH THE
PC INTO THE STAC K
SEL ECT
INTERNAL MODE FL AG
CHECK IF THERE IS
AN INTERRUPT REQUES T
AND INTE RRUPT MASK
INSTRUCTION
WA S
THE INST RUCTION
ARETI
IS THE CORE
ALREADY IN
NORMAL MODE ?
FE TCH
INST RUCTION
EX ECUTE
INST RUCTION
CLEA R
INTERRUPT MAS K
SELECT
PROGRAM FLA GS
” POP ”
THE STACK ED PC
NO
NO
YES
YE S
?
?
NO
YES
VA000014
Figure 21. Interrupt Processing Flow-Chart
®
ST6391,92,93,95,97,99
19/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68