전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST6262BM3 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 ST6262BM3
상세설명  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6262BM3 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button ST6262BM3 Datasheet HTML 42Page - STMicroelectronics ST6262BM3 Datasheet HTML 43Page - STMicroelectronics ST6262BM3 Datasheet HTML 44Page - STMicroelectronics ST6262BM3 Datasheet HTML 45Page - STMicroelectronics ST6262BM3 Datasheet HTML 46Page - STMicroelectronics ST6262BM3 Datasheet HTML 47Page - STMicroelectronics ST6262BM3 Datasheet HTML 48Page - STMicroelectronics ST6262BM3 Datasheet HTML 49Page - STMicroelectronics ST6262BM3 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
46/78
ST62T52C ST62T62C/E62C
AUTO-RELOAD TIMER (Cont’d)
It should be noted that the reload values will also
affect the value and the resolution of the duty cycle
of PWM output signal. To obtain a signal on ARTI-
Mout, the contents of the ARCP register must be
greater than the contents of the ARRC register.
The maximum available resolution for the ARTI-
Mout duty cycle is:
Resolution = 1/[255-(ARRC)]
Where ARRC is the content of the Reload/Capture
register. The compare value loaded in the Com-
pare Register, ARCP, must be in the range from
(ARRC) to 255.
The ARTC counter is initialized by writing to the
ARRC register and by then setting the TCLD (Tim-
er Load) and the TEN (Timer Clock Enable) bits in
the Mode Control register, ARMC.
Enabling and selection of the clock source is con-
trolled by the CC0, CC1, SL0 and SL1 bits in the
Status Control Register, ARSC1. The prescaler di-
vision ratio is selected by the PS0, PS1 and PS2
bits in the ARSC1 register.
In Auto-reload Mode, any of the three available
clock sources can be selected: Internal Clock, In-
ternal Clock divided by 3 or the clock signal
present on the ARTIMin pin.
Figure 28. Auto-reload Timer PWM Function
COUNTER
COMPARE
VALUE
RELOAD
REGISTER
PWM OUTPUT
t
t
255
000
VR001852
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78