전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95040-RBN3P/W 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 M95040-RBN3P/W
상세설명  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RBN3P/W 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button M95040-RBN3P/W Datasheet HTML 15Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 16Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 17Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 18Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 19Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 20Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 21Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 22Page - STMicroelectronics M95040-RBN3P/W Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19/37
M95040, M95020, M95010
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
low power Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The BP1 and BP0 bits of the Status Register are
unchanged from the previous power-down (they
are non-volatile bits).
Initial Delivery State
The device is delivered with the memory array set
at all 1s (FFh). The Block Protect (BP1 and BP0)
bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37