전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST75185CD 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 ST75185CD
상세설명  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CD 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button ST75185CD Datasheet HTML 9Page - STMicroelectronics ST75185CD Datasheet HTML 10Page - STMicroelectronics ST75185CD Datasheet HTML 11Page - STMicroelectronics ST75185CD Datasheet HTML 12Page - STMicroelectronics ST75185CD Datasheet HTML 13Page - STMicroelectronics ST75185CD Datasheet HTML 14Page - STMicroelectronics ST75185CD Datasheet HTML 15Page - STMicroelectronics ST75185CD Datasheet HTML 16Page - STMicroelectronics ST75185CD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ST75185
13/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.38
0.009
0.015
c
0.09
0.25
0.004
0.010
D
6.9
7.2
7.5
0.272
0.283
0.295
E
7.4
7.8
8.2
0.291
0.307
0.323
E1
5
5.3
5.6
0.197
0.209
0.220
e
0.65 BSC
0.0256 BSC
K
0˚4˚8˚0˚4˚8˚
L
0.55
0.75
0.95
0.022
0.030
0.037
SSOP20 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0061436C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18