| 전자부품 데이터시트 검색엔진 |
|
ST75C520PQFP 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75C520PQFP 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 45 page ![]() SERIAL Select Serial or Parallel Mode SERIAL Opcode: 07 00000111 Synopsis SERIAL defines the data path, i.e. either serial or parallel. Parameters Field Byte Pos. Value Definition TX_SDATA 1 0 0* 1 Use serial link for Tx Data Use parallel link for Tx Data RX_SDATA 1 1 0* 1 Use only serial link for Rx Data Use also parallel link for Rx Data Notes : The received Bits always go to the output pin RXD, even when the RX_SDATA bit is set. SETGN Set Output Gain SETGN Opcode: 02 00000010 Synopsis SETGN is a command which sets the scaling factor of the transmit samples. It is used for setting the output level or for setting the level of the tone generators. The gain value is given in the form of a 2’s complement 16-bit value. Parameters Field Byte Pos. Value Definition GAIN_L 1 7..0 range FF* Low byte of the 16-bit gain value GAIN_H 2 7..0 range 7F* High byte of the 16-bit gain value Example Gain (dB) Gain (Hex) Gain (dB) Gain (Hex) Gain (dB) Gain (Hex) 0 7FFF -5 47FA -10 287A -1 7214 -6 4026 -11 2413 -2 65AC -7 392C -12 2026 -3 5A9D -8 32F5 -13 1CA7 -4 50C3 -9 2D6A -14 198A SLEEP Turn to Sleep Mode SLEEP Opcode: 03 00000011 Synopsis SLEEP is used to force the ST75C520 to turn to low power mode. Parameter Non parametric command. Notes : When receiving this command the ST75C520 will stop processing and so cannot have the regular handshake protocol. It does not increment the COMACK, neither generate an Interrupt. STOP FAX Stop Transmitter STOP Opcode: 25 00100101 Synopsis STOP is used, in FAX Modes, to force the ST75C520 to turn off the transmitter in accordance with the corresponding ITU-T V.33/V.17/V.29/V.27recommendation. Parameter Non parametric command. Notes : When receiving this command the ST75C520 will stop sending regular Data. In parallel mode this command must be preceded by a XMIT Stop command. In parallel mode the ST75C520 will wait until all the transmit buffers are sent before starting the Stop sequence. ST75C520 23/45 |