| 전자부품 데이터시트 검색엔진 |
|
ST72E631K1M0 데이터시트(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72E631K1M0 데이터시트(HTML) 97 Page - STMicroelectronics |
|
97 / 109 page ![]() ST7263 97/109 7.5 I/O PORT CHARACTERISTICS (T A = 0 to +70°C unless otherwise specified) All voltages are referred to VSS unless otherwise specified. Note 1: Guaranteed by design, not tested in production. Note 2: Data based on characterization results, not tested in production. STANDARD I/O PORT PINS Symbol Parameter Conditions Min Typ Max Unit VOL Output Low Level Voltage Port A1, Port A2 (High Current open drain) IOL = -25mA VDD=5V - - 1.5 V Output Low Level Voltage Port A0, Port A(3:7), Port C(0:2), Push Pull IOL = -1.6mA VDD=5V - - 0.4 V Output Low Level Voltage Port B (0:7), Push Pull IOL = -10mA VDD=5V - - 1.3 V VOH Output High Level Voltage Port A0, Port A(3:7), Port C(0:2) Push Pull IOH = 1.6mA VDD-0.8 - - V VOH Output High Level Voltage Port B (0:7) Push Pull IOH = 10mA VDD-1.3 - - V VIH Input High Level Voltage PA(0:7),PB(0:7),PC(0:2),RESET Leading Edge 0.7xVDD VDD V VIL Input Low Voltage PA(0-7), PB(0-7), PC(0-2), RESET Trailing Edge VSS 0.3xVDD V RPU Pull-up resistor VDD = 5V 80 100 120 k Ω CIO I/O Pin Capacitance 1) 5pF tf(IO)out Output High to Low Level Fall Time All I/O ports CL=50pF Between 10% and 90% 25 2) ns tr(IO)out Output Low to High Level Rise Time I/O ports in Push Pull mode 25 2) ns tr(IO)out External Interrupt pulse time 1) 1tCPU |