전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST779ACN 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 ST779ACN
상세설명  LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST779ACN 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button ST779ACN Datasheet HTML 3Page - STMicroelectronics ST779ACN Datasheet HTML 4Page - STMicroelectronics ST779ACN Datasheet HTML 5Page - STMicroelectronics ST779ACN Datasheet HTML 6Page - STMicroelectronics ST779ACN Datasheet HTML 7Page - STMicroelectronics ST779ACN Datasheet HTML 8Page - STMicroelectronics ST779ACN Datasheet HTML 9Page - STMicroelectronics ST779ACN Datasheet HTML 10Page - STMicroelectronics ST779ACN Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ST777/778/779
10/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45˚ (typ.)
D
4.8
5.0
0.189
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.149
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S
˚ (max.)
SO-8 MECHANICAL DATA
0016023
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11