| 전자부품 데이터시트 검색엔진 |
|
ST7FLITE29 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 131 page ![]() ST7LITE2 18/131 DATA EEPROM (Cont’d) 5.4 POWER SAVING MODES Wait mode The DATA EEPROM can enter WAIT mode on ex- ecution of the WFI instruction of the microcontrol- ler or when the microcontroller enters Active-HALT mode.The DATA EEPROM will immediately enter this mode if there is no programming in progress, otherwise the DATA EEPROM will finish the cycle and then enter WAIT mode. Active-Halt mode Refer to Wait mode. Halt mode The DATA EEPROM immediately enters HALT mode if the microcontroller executes the HALT in- struction. Therefore the EEPROM will stop the function in progress, and data may be corrupted. 5.5 ACCESS ERROR HANDLING If a read access occurs while E2LAT=1, then the data bus will not be driven. If a write access occurs while E2LAT=0, then the data on the bus will not be latched. If a programming cycle is interrupted (by software/ RESET action), the memory data will not be guar- anteed. 5.6 Data EEPROM Read-out Protection The read-out protection is enabled through an op- tion bit (see section 15.1 on page 123). When this option is selected, the programs and data stored in the EEPROM memory are protected against read-out piracy (including a re-write pro- tection). In Flash devices, when this protection is removed by reprogramming the Option Byte, the entire Program memeory and EEPROM is first au- tomatically erased. Note: Both Program Memory and data EEPROM are protected using the same option bit. Figure 9. Data EEPROM Programming Cycle LAT ERASE CYCLE WRITE CYCLE PGM tPROG READ OPERATION NOT POSSIBLE WRITE OF DATA LATCHES READ OPERATION POSSIBLE INTERNAL PROGRAMMING VOLTAGE 1 |