| 전자부품 데이터시트 검색엔진 |
|
ST90135 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST90135 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 190 page ![]() 34/190 ST90158 - DEVICE ARCHITECTURE MMU REGISTERS (Cont’d) 2.7.2 CSR: Code Segment Register This register selects the 64-Kbyte code segment being used at run-time to access instructions. It can also be used to access data if the spm instruc- tion has been executed (or ldpp, ldpd, lddp). Only the 6 LSBs of the CSR register are imple- mented, and bits 6 and 7 are reserved. The CSR register allows access to the entire memory space, divided into 64 segments of 64 Kbytes. To generate the 22-bit Program memory address, the contents of the CSR register is directly used as the 6 MSBs, and the 16-bit virtual address as the 16 LSBs. Note: The CSR register should only be read and not written for data operations (there are some ex- ceptions which are documented in the following paragraph). It is, however, modified either directly by means of the jps and calls instructions, or indirectly via the stack, by means of the rets in- struction. CODE SEGMENT REGISTER (CSR) R244 - Read/Write Register Page: 21 Reset value: 0000 0000 (00h) Bit 7:6 = Reserved, keep in reset state. Bit 5:0 = CSR_[5:0]: These bits define the 64- Kbyte memory segment (among 64) which con- tains the code being executed. These bits are used as the most significant address bits (A21-16). 2.7.3 ISR: Interrupt Segment Register INTERRUPT SEGMENT REGISTER (ISR) R248 - Read/Write Register Page: 21 Reset value: undefined ISR and ENCSR bit (EMR2 register) are also de- scribed in the chapter relating to Interrupts, please refer to this description for further details. Bit 7:6 = Reserved, keep in reset state. Bit 5:0 = ISR_[5:0]: These bits define the 64-Kbyte memory segment (among 64) which contains the interrupt vector table and the code for interrupt service routines and DMA transfers (when the PS bit of the DAPR register is reset). These bits are used as the most significant address bits (A21-16). The ISR is used to extend the address space in two cases: – Whenever an interrupt occurs: ISR points to the 64-Kbyte memory segment containing the inter- rupt vector table and the interrupt service routine code. See also the Interrupts chapter. – During DMA transactions between the peripheral and memory when the PS bit of the DAPR regis- ter is reset : ISR points to the 64 K-byte Memory segment that will be involved in the DMA trans- action. 2.7.4 DMASR: DMA Segment Register DMA SEGMENT REGISTER (DMASR) R249 - Read/Write Register Page: 21 Reset value: undefined Bit 7:6 = Reserved, keep in reset state. Bit 5:0 = DMASR_[5:0]: These bits define the 64- Kbyte Memory segment (among 64) used when a DMA transaction is performed between the periph- eral’s data register and Memory, with the PS bit of the DAPR register set. These bits are used as the most significant address bits (A21-16). If the PS bit is reset, the ISR register is used to extend the ad- dress. 70 00 CSR_ 5 CSR_ 4 CSR_ 3 CSR_ 2 CSR_ 1 CSR_ 0 70 0 0 ISR_5 ISR_4 ISR_3 ISR_2 ISR_1 ISR_0 70 00 DMA SR_5 DMA SR_4 DMA SR_3 DMA SR_2 DMA SR_1 DMA SR_0 9 |