전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSK-S5 데이터시트(PDF) 1 Page - CUI INC

부품명 FSK-S5
상세설명  AC-DC converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

FSK-S5 데이터시트(HTML) 1 Page - CUI INC

  FSK-S5 Datasheet HTML 1Page - CUI INC FSK-S5 Datasheet HTML 2Page - CUI INC FSK-S5 Datasheet HTML 3Page - CUI INC FSK-S5 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
rev.
page
date
page
date
DESCRIPTION: AC-DC converter
1 of 4
10/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER: FSK-S5 series
features
·approved to UL60950, CSA
C22.2 NO.60950, CB(IEC 60950),
CE(EN60950)
• universal input 85~264 Vac/ 110~340 VDC
• encapsulated, compact case
• high efficiency
• surface mounting technology
• 100kHz fixed frequency
• fixed output voltage
• thermal shutdown
• output short circuit protection
• low output ripple and noise
• isolated output
• 2 year warranty
model
input
output
power
ripple & noise
efficiency
number
voltage
voltage
max.
max.
(%)
FSK-S5-3R3U
AC 85-264V / DC 110-340V
3.3V @ 1.25A
4.125 W
80 mVp-p
71
FSK-S5-5U
AC 85-264V / DC 110-340V
5V @ 1.0A
5.0 W
80 mVp-p
75
FSK-S5-12U
AC 85-264V / DC 110-340V
12V @ 0.42A
5.0 W
120 mVp-p
77
FSK-S5-15U
AC 85-264V / DC 110-340V
15V @ 0.33A
5.0 W
150 mVp-p
77
FSK-S5-24U
AC 85-264V / DC 110-340V
24V @ 0.21A
5.0 W
200 mVp-p
77
INPUT
parameter
conditions/description
min
nom
max
units
input frequency
47
(50~60)
440
Hz
input voltage
output power derated from 85-90 VAC
85
264
VAC
110
340
VDC
input current
AC input of 110 VAC
150
mA
AC input of 220 VAC
80
mA
inrush current
measured at 110 VAC at full load, cold start
20
A
measured at 220 VAC at full load, cold start
40
A
leakage current
measured at 110 VAC
0.5
mA
measured at 220 VAC
0.75
mA
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage tolerance
-2%
+2%
ripple and noise
-1%
+1%
line regulation
-1%
+1%
load regulation
-1%
+1%
dynamic load regulation
-3%
+3%
temperature drift
-1%
+1%
rise time
100
mS
hold-up time
10
mS


유사한 부품 번호 - FSK-S5

제조업체부품명데이터시트상세설명
logo
CUI INC
FSK-S5 CUI-FSK-S5 Datasheet
365Kb / 3P
AC-DC converter
04/2010
FSK-S5-12U CUI-FSK-S5-12U Datasheet
365Kb / 3P
AC-DC converter
04/2010
FSK-S5-15U CUI-FSK-S5-15U Datasheet
365Kb / 3P
AC-DC converter
04/2010
FSK-S5-24U CUI-FSK-S5-24U Datasheet
365Kb / 3P
AC-DC converter
04/2010
FSK-S5-3R3U CUI-FSK-S5-3R3U Datasheet
365Kb / 3P
AC-DC converter
04/2010
More results

유사한 설명 - FSK-S5

제조업체부품명데이터시트상세설명
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
AC/DC converter
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
ac-dc converter
logo
Rohm
BP5716 ROHM-BP5716 Datasheet
509Kb / 4P
AC/DC converter
BP5081B15 ROHM-BP5081B15 Datasheet
497Kb / 3P
AC/DC converter
logo
MORNSUN Science& Techno...
LH25-10B18 MORNSUN-LH25-10B18 Datasheet
253Kb / 2P
AC-DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com