전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST93C06 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 ST93C06
상세설명  256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C06 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button ST93C06 Datasheet HTML 2Page - STMicroelectronics ST93C06 Datasheet HTML 3Page - STMicroelectronics ST93C06 Datasheet HTML 4Page - STMicroelectronics ST93C06 Datasheet HTML 5Page - STMicroelectronics ST93C06 Datasheet HTML 6Page - STMicroelectronics ST93C06 Datasheet HTML 7Page - STMicroelectronics ST93C06 Datasheet HTML 8Page - STMicroelectronics ST93C06 Datasheet HTML 9Page - STMicroelectronics ST93C06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
POWER-ON DATA PROTECTION
In order to prevent data corruption and inadvertent
write operations during power up, a Power On
Reset (POR) circuit resets all internal programming
circuitry and sets the device in the Write Disable
mode. When VCC reaches its functional value, the
device is properlyreset (in the Write Disable mode)
and is ready to decode and execute an incoming
instruction. A stable VCC must be applied before
any logic signal.
INSTRUCTIONS
The ST93C06 has seven instructions, as shown in
Table 6. The op-codes of the instructions are made
up of 4 bits: some instructions use only the first two
bits, others use all four bits to define the op-code.
The op-code is followed by an address for the
byte/word which is four bits long for the x16 organi-
zation or five bits long for the x8 organization.
Each instruction is preceded by the rising edge of
the signal applied on the S input (assuming that
clock C and data input D are low), followed by a
first clock pulse which is ignored by the ST93C06
(optional clock pulse for the ST93C06C). The data
input D is then sampled upon the following rising
edges of the clock C untill a ’1’ is sampled and
decoded by the ST93C06 as a Start bit. Even
though the first clock pulse is ignored, it recom-
mended to pull low the data input D during this first
clock pulse in order to keep the timing upwardly
compatible with other ST93Cxx devices.
The ST93C06 is fabricated in CMOS technology
and is therefore able to run from zero Hz (static
input signals) up to the maximum ratings (specified
in Table 5).
Read
The Read instruction (READ) outputs serial data
on the Data Output (Q). When a READ instruction
is received, the instruction and address are de-
coded and the data from the memory is transferred
into an output shiftregister. A dummy ’0’ bit is output
first followed by the 8 bit byte or the 16 bit word with
the MSB first. Output data changes are triggered
by the Low to High transition of the Clock (C). The
ST93C06 will automatically increment the address
and will clock out the next byte/word as long as the
Chip Select input (S) is held High. In this case the
dummy ’0’ bit is NOT output between bytes/words
and a continuous stream of data can be read.
Erase/Write Enable and Disable
The Erase/Write Enable instruction (EWEN)
authorizes the following Erase/Write instructions to
be executed, the Erase/Write Disable instruction
(EWDS) disables the execution of the following
Erase/Write instructions. When power is first ap-
plied, the ST93C06 enters the Disable mode.
When the Erase/Write Enable instruction (EWEN)
is executed, Write instructions remain enabled until
an Erase/Write Disable instruction (EWDS) is exe-
cuted or if the Power-on reset circuit becomes
active due to a reduced VCC. To protect the memory
contents from accidental corruption, it is advisable
to issue the EWDS instruction after every write
cycle. The READ instruction is not affected by the
EWEN or EWDS instructions.
Erase
The Erase instruction (ERASE) programs the ad-
dressed memory byte or word bits to ’1’. Once the
address is correctly decoded, the falling edge of the
Chip Select input (S) triggers a self-timed erase
cycle.
Instruction
Description
Op-Code
x8 Org
Address
(ORG = 0)
Data
x16 Org
Address
(ORG = 1)
Data
READ
Read Data from Memory
10XX
A4-A0
Q7-Q0
A3-A0
Q15-Q0
WRITE
Write Data to Memory
01XX
A4-A0
D7-D0
A3-A0
D15-D0
EWEN
Erase/Write Enable
0011
XXXXX
XXXX
EWDS
Erase/Write Disable
0000
XXXXX
XXXX
ERASE
Erase Byte or Word
11XX
A4-A0
A3-A0
ERAL
Erase All Memory
0010
XXXXX
XXXX
WRAL
Write All Memory
with same Data
0001
XXXXX
D7-D0
XXXX
D15-D0
Note: X = don’t care bit.
Table 6. Instruction Set
6/15
ST93C06, ST93C06C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15