| 전자부품 데이터시트 검색엔진 |
|
STA002 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA002 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 43 page ![]() SCH_MEM REGISTERS Service Component Control Field (SCCF) Reg name: SERVICE COMPONENT 1 Internal address: 100H, 101H, 102H, 103H Type: R Description : Contains information about the service compo- nent of the broadcast channel SC1_LENGHT & SC1_TYPE (addr 100H) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC1_EC & SC1_PT (addr 101H) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC1_PT (addr 102H) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE 1 (addr 103H) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100:JPEG 0101: MPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language Reg name: SERVICE COMPONENT 2 Internal address: 104H, 105H, 106H, 107H Type: R Description : Contains information about the service compo- nent of the broadcast channel SC2 _LENGHT & SC2_TYPE(addr 104H) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC2 _EC & SC2_PT (addr 105H) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC2_PT (addr 106H) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE 2 (addr 107H) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100:JPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language STA002 31/43 |