전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VOF-45-5 데이터시트(PDF) 3 Page - CUI INC

부품명 VOF-45-5
상세설명  Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

VOF-45-5 데이터시트(HTML) 3 Page - CUI INC

  VOF-45-5 Datasheet HTML 1Page - CUI INC VOF-45-5 Datasheet HTML 2Page - CUI INC VOF-45-5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VOF-45 Series Switching Power Supply
Rev. 07-2007
3 / 3
V-INFINITY LLC, 20050 SW 112th Ave., Tualatin, OR 97062
1-866-372-1258
www.v-infinity.com
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers
to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s appli-
cations using V-Infinity products other than repair or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications.
Nothing will be covered outside of standard product warranty.
Outline Drawing
32.0 1.26
1
3
2
LED
4
1
2
3
CN2
VADJ
CN1
3.70
94.0±0.1
51.0 2.01
43.2±0.1 1.70
102.0 4.02
3.5 (4 PLCS)
MOUNTING HOLE
3.0 MAX
(LEAD)
CN1(0411-3P)
1
2
3
L
no pin
N
CN2(0411-4P)
*Weight: 0.17kg max
*Tolerance: ±1
*Dimensions in mm
1
2
3
-V
-V
+V
4
+V
Mechanical
Parameter
Conditions/Description
Min
Nom
Max
Units
Dimensions
4”(102mm) x 2”(51mm) x 1.26”(32mm)
Weight
0.17
kg
Cooling method
free air convection (see derating curve on p. 1)
Mating Connectors
Parameter
Conditions/Description
AC Input (CN1)
Mates with Molex housing 09-50-3031 with Molex 2878 series crimp contact.
DC Output (CN2)
Mates with Molex housing 09-50-3041 with Molex 2878 series crimp contact.
B. Horizontal
A. Vertical
Mounting Method



Html Pages

1 2 3