전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MEH20-2000P3 데이터시트(PDF) 2 Page - CUI INC

부품명 MEH20-2000P3
상세설명  incremental encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

MEH20-2000P3 데이터시트(HTML) 2 Page - CUI INC

  MEH20-2000P3 Datasheet HTML 1Page - CUI INC MEH20-2000P3 Datasheet HTML 2Page - CUI INC MEH20-2000P3 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: incremental encoder
2 of 3
08/14/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: MEH20
OUTPUT WAVEFORM
Clockwise rotation viewed from front
T
Phase A
Phase B
Phase Z
T±T/2
H
L
H
L
H
L
T
8
T
8
±
(90˚± 45˚)
Counter Clockwise rotation viewed from front
T
Phase A
Phase B
Phase Z
T±T/2
H
L
H
L
H
L
T
8
T
8
±
(90˚± 45˚)
The position of Z phase against A, B phase is not specified
CIRCUIT CONNECTIONS
30mA
max
CABLE SHIELD
20mA
max
CABLE SHIELD
+5V
Red
A/B/Z
0V
Black
+5V
Red
A/B/Z
0V
Black
26C31
CABLE SHIELD
+5V
Red
A/B/Z
0V
Black
A/B/Z
White
Green
Yellow
White
Green
Yellow
White
Green
Yellow
White/Black
Green/Black
Yellow/Black
Voltage Output
Line Drive Output (E)
Open Collector Output (C)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com