전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95010-RBN3G/W 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 M95010-RBN3G/W
상세설명  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95010-RBN3G/W 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button M95010-RBN3G/W Datasheet HTML 13Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 14Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 15Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 16Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 17Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 18Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 19Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 20Page - STMicroelectronics M95010-RBN3G/W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17/37
M95040, M95020, M95010
Write to Memory Array (WRITE)
As shown in Figure 13., to send this instruction to
the device, Chip Select (S) is first driven Low. The
bits of the instruction byte, address byte, and at
least one data byte are then shifted in, on Serial
Data Input (D).
The instruction is terminated by driving Chip Se-
lect (S) High after the rising edge of Serial Clock
(C) that latches the last data bit, and before the
next rising edge of Serial Clock (C) occurs any-
where on the bus. In the case of Figure 13., this
occurs after the eighth bit of the data byte has
been latched in, indicating that the instruction is
being used to write a single byte. The self-timed
Write cycle starts, and continues for a period tWC
(as specified in Table 18. to Table 22.), at the end
of which the Write in Progress (WIP) bit is reset to
0.
If, though, Chip Select (S) continues to be driven
Low, as shown in Figure 14., the next byte of input
data is shifted in. In this way, all the bytes from the
given address to the end of the same page can be
programmed in a single instruction.
If Chip Select (S) still continues to be driven Low,
the next byte of input data is shifted in, and is used
to overwrite the byte at the start of the current
page.
The instruction is not accepted, and is not execut-
ed, under the following conditions:
–
if the Write Enable Latch (WEL) bit has not
been set to 1 (by executing a Write Enable
instruction just before)
–
if a Write cycle is already in progress
–
if the device has not been deselected, by Chip
Select (S) being driven High, at a byte
boundary (after the rising edge of Serial Clock
(C) that latches the last data bit, and before
the next rising edge of Serial Clock (C) occurs
anywhere on the bus)
–
if Write Protect (W) is Low or if the addressed
page is in the region protected by the Block
Protect (BP1 and BP0) bits.
Figure 13. Byte Write (WRITE) Sequence
Note: Depending on the memory size, as shown in Table 6., the most significant address bits are Don’t Care.
AI01442D
C
D
S
Q
A7
2
1
3456789 10 11 12 13 14 15 16 17 18 19
A6 A5 A4 A3 A2 A1 A0
A8
20 21 22 23
High Impedance
Instruction
Byte Address
0
765432
0
1
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37