전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RMS132AW 데이터시트(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

부품명 RMS132AW
상세설명  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMLSI [Emerging Memory & Logic Solutions Inc]
홈페이지  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AW 데이터시트(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMS132AW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
10
RMS132AW
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first piece of
output data. The latency can be set to two or three clocks. If a READ command is registered at clock edge n, and the latency is
m
clocks, the data will be available by clock edge
n + m. The DQs will start driving as a result of the clock edge one cycle earlier (n + m -
1), and provided that the relevant access times are met, the data will be valid by clock edge
n + m. For example, assuming that the
clock cycle time is such that all relevant access times are met, if a READ command is registered at T0 and the latency is programmed to
two clocks, the DQs will start driving after T1 and the data will be valid by T2, as shown in Figure 2. Reserved states should not be used
as unknown operation or incompatibility with future versions may result.
Operating Mode
The normal operating mode is selected by setting M7 and M8 to zero; the other combinations of values for M7 and M8 are reserved
for future use and/or test modes. The programmed burst length applies to both READ and WRITE bursts. Test modes and reserved
states should not be used because unknown operation or incompatibility with future versions may result.
Write Burst Mode
When M9 = 0, the burst length programmed via M0-M2 applies to both READ and WRITE bursts; when M9 = 1, the programmed
burst length applies to READ bursts, but write accesses are single-location (nonburst) accesses.
CLK
COMMAND
DQ
NOP
NOP
Dout
T0
T1
T2
tLZ
tOH
tAC
CAS Latency=2
T3
READ
CLK
COMMAND
DQ
NOP
NOP
Dout
T0
T1
T2
tLZ
tOH
tAC
CAS Latency=3
T3
NOP
T4
READ
DON’T CARE
UNDEFINED
Figure6: CAS Latency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com