전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RMS132AF-75E 데이터시트(PDF) 21 Page - Emerging Memory & Logic Solutions Inc

부품명 RMS132AF-75E
상세설명  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMLSI [Emerging Memory & Logic Solutions Inc]
홈페이지  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132AF-75E 데이터시트(HTML) 21 Page - Emerging Memory & Logic Solutions Inc

Back Button RMS132AF-75E Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMS132AF-75E Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
21
RMS132AW
Table12: DC Characteristic (DC operating conditions unless otherwise noted)
75
-75
70
6
15
0.5
0.5
1
6
80
80
-10
-60
TCSR
PASR
uA
CKE
≤ 0.2V
ICC6
Self
Refresh
Current
80~100
45~85
°C
2 Banks
60~80
-25~45
°C
70~90
45~85
°C
1 Bank
50~70
-25~45
°C
uA
10
ICC7
Deep Power Down Mode Current
2
mA
40
tRC
≥ tRFC(min), All Banks Active
ICC5
Auto Refresh Current (4K Cycle)
CKE
≥ VIH(min), CLK ≤ VIL(max), tCK = ∞
Input signals are stable.
ICC3NS
1
mA
80
tCK>tCK(min), IOL = 0 mA, Page Burst
All Banks Activated, tCCD = 1 clk
ICC4
Burst Mode Operating Current
CKE & CLK
≤ VIL(max), tCK = ∞
ICC3PS
mA
CKE
≥ VIH(min), /CS ≥ VIH(min), tCK = 10ns
Input signals are changed one time during 2 clks.
ICC3N
Active Standby Current
in Non Power Down Mode
mA
CKE
≤ VIL(max), tCK = 10ns
ICC3P
Active Standby Current
in Power Down Mode
uA
CKE & CLK
≤ VIL(max), tCK = ∞
ICC2PS
45
Speed
CKE
≥ VIH(min), CLK ≤ VIL(max), tCK = ∞
Input signals are stable.
CKE
≥ VIH(min), /CS ≥ VIH(min), tCK = 10ns
Input signals are changed one time during 2 clks.
CKE
≤ VIL(max), tCK = 10ns
Burst Length=1, One Bank Active,
tRC
≥ tRC(min) IOL = 0 mA
Test Condition
ICC2P
Precharge Standby Current
in Power Down Mode
mA
ICC2N
Precharge Standby Current
in Non Power Down Mode
ICC2NS
1
Note
mA
Unit
ICC1
Operating Current
Sym
Parameter
Note :
1. Measured with outputs open.
2. Refresh period is 64ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com