| 전자부품 데이터시트 검색엔진 |
|
EMC646SP16JS-70LF 데이터시트(PDF) 50 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
EMC646SP16JS-70LF 데이터시트(HTML) 50 Page - Emerging Memory & Logic Solutions Inc |
|
50 / 65 page ![]() EMC646SP16J 4Mx16 CellularRAM 50 Preliminary Figure 40. Burst WRITE at End-of-Row (Wrap Off) Note: 1. Non-default BCR settings for burst WRITE at end of row: fixed or variable latency; WAIT active LOW; WAIT asserted during delay. 2. For burst WRITEs, CE# must go HIGH before the second CLK after the WAIT period begins(befor the second CLK after WAIT asserts with BCR[8]=0, or before the third CLK after WAIT asserts with BCR[8]=1). 3. Devices from different CellularRAM vendors can assert WAIT so that the end-of-row data is input one cycle before WAIT asserts (DQ version A). or the same cycle that asserts WAIT (DQ version B). This difference in behavior will not be noticed by controllers that monitor WAIT, or that use WAIT to abort on an end-of-row condition. CLK ADV# CE# OE# WAIT DQ[15:0] A[21:0] tCLK LB#/UB# tHZ End of Row VIH VIL WE# VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL VOH VOL Valid Intput tKHTL Valid Intput tHZ Note 2 (A[6:0]=7Fh) Don’t Care High-Z CE# DQ[15:0] End of Row VIH VIL VIH VIL Valid Intput Valid Intput Note 2 Valid Intput tSP tHD tSP tHD (A[6:0]=7Fh) Note 3 Version B Version A |