| 전자부품 데이터시트 검색엔진 |
|
EMC326SP16AJS-45LF 데이터시트(PDF) 12 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
EMC326SP16AJS-45LF 데이터시트(HTML) 12 Page - Emerging Memory & Logic Solutions Inc |
|
12 / 64 page ![]() EMC326SP16AJ 2Mx16 CellularRAM 12 Preliminary Burst Mode Operation Burst mode operations enable high-speed synchronous READ and WRITE operations. Burst operations consist of a multi-clock sequence that must be performed in an ordered fashion. After CE# goes LOW, the address to access is latched on the rising edge of the next clock that ADV# is LOW. During this first clock rising edge, WE# indicates whether the operation is going to be a READ (WE# = HIGH, Figure 6) or a WRITE (WE# = LOW, Figure 7). Figure 6: Burst Mode READ (4-word burst) Note: Non-default BCR settings for burst mode READ (4-word burst): Fixed or variable latency; Latency code 2 (3 clocks); WAIT active LOW; WAIT asserted during delay. Diagram in the figure 6 is representative of variable latency with no refresh collision or fixed-latency access. CLK Latency Code 2 (3 clocks) Don’t Care Undefined READ Burst Identified (WE# = HIGH) A[20:0] ADV# WE# LB#/UB# WAIT DQ[15:0] Address Valid D0 D1 D2 D3 CE# OE# |