전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

104 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 104
상세설명  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

104 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button 104 Datasheet HTML 2Page - STMicroelectronics 104 Datasheet HTML 3Page - STMicroelectronics 104 Datasheet HTML 4Page - STMicroelectronics 104 Datasheet HTML 5Page - STMicroelectronics 104 Datasheet HTML 6Page - STMicroelectronics 104 Datasheet HTML 7Page - STMicroelectronics 104 Datasheet HTML 8Page - STMicroelectronics 104 Datasheet HTML 9Page - STMicroelectronics 104 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
STB7102, STB7103, STB7104
SOT323-6L MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.0031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.088
E
1.15
1.35
0.045
0.59
e
0.65
0.025
H
1.8
2.4
0.071
0.094
Q
0.1
0.4
0.004
0.016
DIM.



Html Pages

1 2 3 4 5 6 7 8 9 10