전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A7101 데이터시트(PDF) 13 Page - AMIC Technology

부품명 A7101
상세설명  2.4GHz FSK Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A7101 데이터시트(HTML) 13 Page - AMIC Technology

Back Button A7101 Datasheet HTML 9Page - AMIC Technology A7101 Datasheet HTML 10Page - AMIC Technology A7101 Datasheet HTML 11Page - AMIC Technology A7101 Datasheet HTML 12Page - AMIC Technology A7101 Datasheet HTML 13Page - AMIC Technology A7101 Datasheet HTML 14Page - AMIC Technology A7101 Datasheet HTML 15Page - AMIC Technology A7101 Datasheet HTML 16Page - AMIC Technology A7101 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
A7101
PRELIMINARY
(March 2004, Version 0.4)
12
AMIC Technology, Corp.
B.
SPI Timing Diagram
Figure 3. SPI WRITE mode timing diagram
tCWL
tCWH
tCS
tCH
tES
tEW
SPI_DATA
SPI_CLOCK
SPI_LATCH
VH
VI
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9
Bit5 Bit4
Bit3
Bit2 Bit1 Bit0
After reading 12 bits, SPI is set to write mode
Figure 4. SPI READ mode timing diagram
SPI_DATA
SPI_CLOCK
SPI_LATCH
SR0 SR1 SR2 SR3
SR4 SR5 SR6 SR7 SR11 SR12 SR13 SR14 SR15 Bit15 Bit14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22