전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STA2121 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 2STA2121
상세설명  High power PNP epitaxial planar bipolar transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STA2121 데이터시트(HTML) 2 Page - STMicroelectronics

  2STA2121 Datasheet HTML 1Page - STMicroelectronics 2STA2121 Datasheet HTML 2Page - STMicroelectronics 2STA2121 Datasheet HTML 3Page - STMicroelectronics 2STA2121 Datasheet HTML 4Page - STMicroelectronics 2STA2121 Datasheet HTML 5Page - STMicroelectronics 2STA2121 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical ratings
2STA2120
2/8
1
Electrical ratings
Table 2.
Absolute maximum rating
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
-250
V
VCEO
Collector-emitter voltage (IB = 0)
-250
V
VEBO
Emitter-base voltage (IC = 0)
-6
V
IC
Collector current
-17
A
ICM
Collector peak current (tP < 5ms)
-34
A
PTOT
Total dissipation at Tc = 25 °C
200
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
______________ __max
0.625
°C/W



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com