전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STC4468 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 2STC4468
상세설명  High power NPN epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC4468 데이터시트(HTML) 7 Page - STMicroelectronics

  2STC4468 Datasheet HTML 1Page - STMicroelectronics 2STC4468 Datasheet HTML 2Page - STMicroelectronics 2STC4468 Datasheet HTML 3Page - STMicroelectronics 2STC4468 Datasheet HTML 4Page - STMicroelectronics 2STC4468 Datasheet HTML 5Page - STMicroelectronics 2STC4468 Datasheet HTML 6Page - STMicroelectronics 2STC4468 Datasheet HTML 7Page - STMicroelectronics 2STC4468 Datasheet HTML 8Page - STMicroelectronics 2STC4468 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2STC4468
Package mechanical data
7/9
DIM.
mm.
MIN.
TYP
MAX.
A4.6
5
A1
1.45
1.50
1.65
A2
1.20
1.40
1.60
b0.80
1
1.20
b1
1.80
2.20
b2
2.80
3.20
c
0.55
0.60
0.75
D
19.70
19.90
20.10
D1
13.90
E15.40
15.80
E1
13.60
E2
9.60
e
5.15
5.45
5.75
L19.50
20
20.50
L1
3.50
L2
18.20
18.40
18.60
P
3.10
3.30
Q5
Q1
3.80
TO-3P Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9