전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC03DE220HV 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STC03DE220HV
상세설명  Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE220HV 데이터시트(HTML) 2 Page - STMicroelectronics

  STC03DE220HV Datasheet HTML 1Page - STMicroelectronics STC03DE220HV Datasheet HTML 2Page - STMicroelectronics STC03DE220HV Datasheet HTML 3Page - STMicroelectronics STC03DE220HV Datasheet HTML 4Page - STMicroelectronics STC03DE220HV Datasheet HTML 5Page - STMicroelectronics STC03DE220HV Datasheet HTML 6Page - STMicroelectronics STC03DE220HV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical ratings
STC03DE220HV
2/7
1
Electrical ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS) Collector-source voltage (VBS = VGS =0)
2200
V
VBS(OS) Base-source voltage (IC = 0, VGS = 0)
30
V
VSB(OS) Source-base voltage (IC = 0, VGS = 0)
9
V
VGS
Gate-source voltage
± 20
V
IC
Collector current
3
A
ICM
Collector peak current (tP < 5 ms)
6
A
IB
Base current
3
A
IBM
Base peak current (tP < 1 ms)
6
A
Ptot
Total dissipation at Tc ≤25 °C
166
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
125
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case
max
0.6
°C/W



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com