전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS951IN 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 TS951IN
상세설명  Input/output rail-to-rail low power operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS951IN 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button TS951IN Datasheet HTML 5Page - STMicroelectronics TS951IN Datasheet HTML 6Page - STMicroelectronics TS951IN Datasheet HTML 7Page - STMicroelectronics TS951IN Datasheet HTML 8Page - STMicroelectronics TS951IN Datasheet HTML 9Page - STMicroelectronics TS951IN Datasheet HTML 10Page - STMicroelectronics TS951IN Datasheet HTML 11Page - STMicroelectronics TS951IN Datasheet HTML 12Page - STMicroelectronics TS951IN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TS951-TS952-TS954
Package information
9/17
3.2
DIP8 package information
Figure 12.
DIP8 package mechanical drawing
Table 6.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17