전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NFSR036CT 데이터시트(PDF) 10 Page - NICHIA CORPORATION

부품명 NFSR036CT
상세설명  TYPE RED LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHIA [NICHIA CORPORATION]
홈페이지  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSR036CT 데이터시트(HTML) 10 Page - NICHIA CORPORATION

Back Button NFSR036CT Datasheet HTML 6Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 7Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 8Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 9Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 10Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 11Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 12Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 13Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 14Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1000
120
100
50
10
3.4
3.0
2.6
1.8
1.4
1.0
2.2
5
3
1
0
2
4
1000
480
150
100
200
400
020
60 80 100
40
-40 -20
0 20
60 80 100
40
-40 -20
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10 20
100
50
60
80
100
40
020
Ta=25°C
2.0
1.0
0.5
0.2
Pulse Width <
= 10msec.
0
100
400 500
300
200
1.8 2.0
2.4 2.6
3.0
2.2
2.8
200
150
0
50
100
IFP=120mA
Ta=25°C
Rja=70°C/W
Rja=150°C/W
Rja=110°C/W
IFP=120mA
Ta=25°C
Forward Current vs.
Relative Luminous Flux
Ambient Temperature vs.
Relative Luminous Flux
Model
NFSR036C
NICHIA CORPORATION Title
No.
060406651311
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com