전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C55WD 데이터시트(PDF) 13 Page - ATMEL Corporation

부품명 AT89C55WD
상세설명  8-bit Microcontroller with 20K Bytes Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD 데이터시트(HTML) 13 Page - ATMEL Corporation

Back Button AT89C55WD_02 Datasheet HTML 9Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 10Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 11Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 12Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 13Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 14Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 15Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 16Page - ATMEL Corporation AT89C55WD_02 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
AT89C55WD
1921B–MICRO–09/02
Figure 6. Timer 2 Auto Reload Mode (DCEN = 0)
Table 6. T2MOD – Timer 2 Mode Control Register
T2MOD Address = 0C9H
Reset Value = XXXX XX00B
Not Bit Addressable
––––––
T2OE
DCEN
Bit
76543210
Symbol
Function
–
Not implemented, reserved for future
T2OE
Timer 2 Output Enable bit
DCEN
When set, this bit allows Timer 2 to be configured as an up/down counter
OSC
EXF2
TF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CONTR OL
RELO AD
CONTROL
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
÷12
RCAP2L
RCAP2H
TH2
TL2
OVERFLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37