전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD30NE06 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STD30NE06
상세설명  N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NE06 데이터시트(HTML) 1 Page - STMicroelectronics

  STD30NE06 Datasheet HTML 1Page - STMicroelectronics STD30NE06 Datasheet HTML 2Page - STMicroelectronics STD30NE06 Datasheet HTML 3Page - STMicroelectronics STD30NE06 Datasheet HTML 4Page - STMicroelectronics STD30NE06 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STD30NE06
N - CHANNEL 60V - 0.025
Ω - 30A - DPAK
STripFET
™ " POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.025
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
FOR TAPE & REEL AND OTHER
PACKAGING OPTIONS CONTACT SALES
OFFICES
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique "Single Feature Size
™ "
strip-based
process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
July 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
o C30
A
ID
Drain Current (continuous) at Tc = 100
oC21
A
IDM(
•)
Drain Current (pulsed)
120
A
Ptot
Total Dissipation at Tc = 25
oC55
W
Derating Factor
0.37
W/
oC
dv/dt
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤20 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STD30NE06
60 V
< 0.03
Ω
30 A
1
3
DPAK
TO-252
(Suffix "T4")
1/5


유사한 부품 번호 - STD30NE06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
May-1999
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
logo
VBsemi Electronics Co.,...
STD30NE06LT4 VBSEMI-STD30NE06LT4 Datasheet
989Kb / 6P
N-Channel 60-V (D-S) MOSFET
STD30NE06LT4-CMD30N06 VBSEMI-STD30NE06LT4-CMD30N06 Datasheet
989Kb / 6P
N-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - STD30NE06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET™ POWER MOSFET
Nov-2001
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
Jun-1998
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
May-1999
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET™II POWER MOSFET
January 2003
logo
Intersil Corporation
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
March 1999
logo
STMicroelectronics
STD30NE06LT4 STMICROELECTRONICS-STD30NE06LT4 Datasheet
286Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252
May-1999
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com