전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GLSA2R150 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 GLSA2R150
상세설명  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GLSA2R150 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  GLSA2R150 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSA2R150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
4
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
Induct.
Freq.
Q Test
Inductance
Freq.
Range
Adjustment
Q
Freq.
Pin Connection
Turns
Turns
Model
(
µH)
(MHz)
(MHz)
Range
min
(MHz)
A
B
C
D
E
1
2
A-E
Fig.
Number
0.014
10.0
100-200
±3%
65
200
4
2
——
—
1 1/4
——
1
GLSA14N00
0.092
10.0
50-200
±5%
40
100
4
2
——
—
4 1/4
——
1
GLSA92N00
0.117
1.0
20-200
±4%
40
100
2
4
——
—
43/4
——
1
GLSAR1170
0.137
10.0
20-150
±5%
35
100
4
2
——
—
5 1/4
——
1
GLSAR1370
0.17
1.0
20-150
±5%
25
70
2
5
4
3
1
4 1/2
63/4
21/4
4
GLSAR1700
0.24
1.0
20-150
±5%
30
70
1
5
4
2
—
7 1/4
5 1/4
—
3
GLSAR2400
0.24
1.0
20-150
+7/-4%
30
70
1
5
4
2
—
7 1/4
3 1/4
—
3
GLSAR2401
0.24
13.0
20-150
±5%
30
35
1
5
——
—
71/4
——
1
GLSAR2402
0.75
10.0
20-150
±5%
25
30
1
2
5
4
—
143/4
15 1/4
—
3
GLSAR7500
0.85
1.0
20-150
±7.5%
45
45
2
5
4
3
1
16 1/2
23/4
81/4
4
GLSAR8500
0.97
13.0
10-100
±5%
40
35
4
2
1
5
—
16
2
—
3
GLSAR9700
1.0
1.0
10-100
-7.5%
25
45
2
5
——
118 1/2
—
91/4
2
GLSA1R000
1.18
2.0
10-100
±5%
22
40
2
4
5
1
3
183/4
33/4
141/4
4
GLSA1R180
1.2
1.0
10-100
+16%
38
20
4
2
1
5
—
20 1/4
4 1/4
—
3
GLSA1R200
1.3
1.0
10-100
±7.5%
30
10
5
1
——
—
193/4
——
1
GLSA1R300
1.35
0.3
10-100
±5%
20
26
2
4
5
1
3
183/4
93/4
91/2
4
GLSA1R350
1.79
1.0
1 - 15
+3/–11%
25
12
2
4
5
1
—
223/4
43/4
—
3
GLSA1R790
2.0
0.2
5 - 50
±5%
35
21
4
2
——
—
251/4
——
1
GLSA2R000
2.15
13.0
5 - 40
±7.5%
45
35
1
5
——
—
26
——
1
GLSA2R150
2.5
13.0
5 - 40
±7.5%
40
35
1
5
——
—
29
——
1
GLSA2R500
3.0
0.2
5 - 40
±5%
30
21
2
4
——
3303/4
—
91/2
2
GLSA3R000
3.1
0.2
5 - 40
±5%
32
21
4
2
——
—
32
——
1
GLSA3R100
9.0
0.1
1 - 10
+21/-3%
18
1.6
2
4
5
1
—
553/4 113/4
—
3
GLSA9R000
19.6
0.1
1 - 10
+10/-1%
24
5.0
4
2
——
—
78 1/4
——
1
GLSA19R60
28.0
0.1
1 - 10
+4/-16%
18
1.8
2
4
5
1
—
923/4 183/4
—
3
GLSA28000
32.0
1.0
1 - 10
+20%
14
1.0
1
5
4
2
— 108 1/4 36 1/4
—
3
GLSA32000
125.0
0.1
0.5 - 2
±7.5%
18
1.0
4
2
——
— 208
——
1
GLSA12100
150.0
0.03
0.5 - 2
+10/-1.5%
16
1.0
5
1
4
2
— 2173/4 85 1/4
—
3
GLSA15100
390.0
0.1
0.5 - 2
±7.5%
20
1.0
1
5
——
— 365
——
1
GLSA39100
500.0
0.1
0.5 - 2
±7.5%
12
0.5
4
2
——
— 426
——
1
GLSA50100
680.0
0.05
0.5 - 2
±7.5%
12
0.45
4
2
——
— 490
——
1
GLSA68100
SPECIAL VALUES
A
B
A
B
E
A
B
C
D
B
C
D
E
A
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com