전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GLSZ2R2LR26 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 GLSZ2R2LR26
상세설명  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GLSZ2R2LR26 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLSZ2R2LR26 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSZ2R2LR26 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
6
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Mobile radio
• Satellite TV
• Cordless phones
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from the
heat of circuit assembly.
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
WIDEBAND TRANSFORMERS - 4.5 x 4.5 x 2.8 mm
3 dB
Loss at 20 MHz
Impedance
Turns
Band Limits
(dB)
Model
(
Ω)
Ratio
(MHz)
max
Number
50 : 50
1 : 1
4 - 2000
0.5
GLSW4M202
TRANSFORMER WITH 2 WINDINGS
0.12
3.0
0.18
4.5
0.18
4.5
15
24
3
1
10
100
1000
10000
-10
-7
-6
-3
-2
-1
0
-4
-5
-8
-9
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS
5
4
1
2
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
CONFIGURATION FOR BALUN TRANSFORMER (PAGE 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com