전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54HC237F3A 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CD54HC237F3A
상세설명  High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD54HC237F3A 데이터시트(HTML) 7 Page - Texas Instruments

  CD54HC237F3A Datasheet HTML 1Page - Texas Instruments CD54HC237F3A Datasheet HTML 2Page - Texas Instruments CD54HC237F3A Datasheet HTML 3Page - Texas Instruments CD54HC237F3A Datasheet HTML 4Page - Texas Instruments CD54HC237F3A Datasheet HTML 5Page - Texas Instruments CD54HC237F3A Datasheet HTML 6Page - Texas Instruments CD54HC237F3A Datasheet HTML 7Page - Texas Instruments CD54HC237F3A Datasheet HTML 8Page - Texas Instruments CD54HC237F3A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HCT TYPES
Propagation Delay
An to any Y or Y
Address to Output
tPLH, tPHL CL = 50pF
4.5
-
-
38
-
48
-
57
ns
tPLH, tPHL CL = 15pF
5
-
16
-
-
-
-
-
ns
OE0 to any Y (HC137)
tPLH, tPHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
OE0 to any Y (HC237)
tPLH, tPHL CL = 50pF
4.5
-
-
33
-
41
-
60
ns
OE1 to any Y (HC137)
tTLH, tTHL CL = 50pF
4.5
-
-
37
-
46
-
56
ns
OE1 to any Y (HC237)
tTLH, tTHL CL = 50pF
4.5
-
-
35
-
44
-
53
ns
LE to any Y (HC137)
tTLH, tTHL CL = 50pF
4.5
-
-
44
-
55
-
66
ns
LE to any Y (HC237)
tTLH, tTHL CL = 50pF
4.5
-
-
42
-
53
-
63
ns
Power Dissipation
Capacitance, (Notes 4, 5)
CD74HC137
CPD
CL = 15pF
5
-
19
-
-
-
-
-
pF
’HC237
CPD
CL = 15pF
5
-
23
-
-
-
-
-
pF
Output Transition Time
tTLH, tTHL CL = 50pF
4.5
15
19
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per gate.
5. PD = VCC
2 f
i (CPD + CL) where: fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD74HC137, CD74HCT137, CD54/74HC237, CD74HCT237



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com