전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6N10 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STD6N10
상세설명  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N10 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STD6N10 Datasheet HTML 2Page - STMicroelectronics STD6N10 Datasheet HTML 3Page - STMicroelectronics STD6N10 Datasheet HTML 4Page - STMicroelectronics STD6N10 Datasheet HTML 5Page - STMicroelectronics STD6N10 Datasheet HTML 6Page - STMicroelectronics STD6N10 Datasheet HTML 7Page - STMicroelectronics STD6N10 Datasheet HTML 8Page - STMicroelectronics STD6N10 Datasheet HTML 9Page - STMicroelectronics STD6N10 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.2
2.4
0.086
0.094
A1
0.9
1.1
0.035
0.043
A3
0.7
1.3
0.027
0.051
B
0.64
0.9
0.025
0.031
B2
5.2
5.4
0.204
0.212
B3
0.85
0.033
B5
0.3
0.012
B6
0.95
0.037
C
0.45
0.6
0.017
0.023
C2
0.48
0.6
0.019
0.023
D
6
6.2
0.236
0.244
E
6.4
6.6
0.252
0.260
G
4.4
4.6
0.173
0.181
H
15.9
16.3
0.626
0.641
L
9
9.4
0.354
0.370
L1
0.8
1.2
0.031
0.047
L2
0.8
1
0.031
0.039
D
L
L2
L1
H
TO-251 (IPAK) MECHANICAL DATA
0068771-E
STD6N10
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10