| 전자부품 데이터시트 검색엔진 |
|
T84C5112-RKFIV 데이터시트(PDF) 47 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T84C5112-RKFIV 데이터시트(HTML) 47 Page - ATMEL Corporation |
|
47 / 97 page ![]() Rev. B - November 10, 2000 47 Preliminary T80C5112 Reset Value= 00010100b 12.4.5.2. Serial Peripheral STAtus register (SPSTA) The Serial Peripheral Status Register contains flags to signal the following conditions: · Data transfer complete · Write collision · Inconsistent logic level on SS pin (mode fault error) Table 24 describes the SPSTA register and explains the use of every bit in the register: Reset Value= 00X0XXXXb Table 24. Serial Peripheral Status and Control register 1 SPR1 RW Serial Peripheral Rate (SPR2:SPR1:SPR0) 000 : FCLK PERIPH /2 001 : FCLK PERIPH /4 010 : FCLK PERIPH /8 011 : FCLK PERIPH /16 0 SPR0 RW 100 : FCLK PERIPH /32 101 : FCLK PERIPH /64 110 : FCLK PERIPH /128 111 : External clock, output of BRG 7 6 5 4 3 2 1 0 SPIF WCOL - MODF - - - - Bit Number Bit Mnemonic R/W Mode Description 7 SPIF R Serial Peripheral data transfer flag Clear by hardware to indicate data transfer is in progress or has been approved by a clearing sequence. Set by hardware to indicate that the data transfer has been completed. 6 WCOL R Write Collision flag Cleared by hardware to indicate that no collision has occurred or has been approved by a clearing sequence. Set by hardware to indicate that a collision has been detected. 5- RW Reserved The value read from this bit is indeterminate. Do not set this bit 4 MODF R Mode Fault Cleared by hardware to indicate that the SS pin is at appropriate logic level, or has been approved by a clearing sequence. Set by hardware to indicate that the SS pin is at inappropriate logic level 3- RW Reserved The value read from this bit is indeterminate. Do not set this bit 2- RW Reserved The value read from this bit is indeterminate. Do not set this bit 1- RW Reserved The value read from this bit is indeterminate. Do not set this bit 0- RW Reserved The value read from this bit is indeterminate. Do not set this bit Bit Number Bit Mnemonic R/W Mode Description |