전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE2002DIE2 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 STE2002DIE2
상세설명  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics STE2002DIE2 Datasheet HTML 46Page - STMicroelectronics STE2002DIE2 Datasheet HTML 47Page - STMicroelectronics STE2002DIE2 Datasheet HTML 48Page - STMicroelectronics STE2002DIE2 Datasheet HTML 49Page - STMicroelectronics STE2002DIE2 Datasheet HTML 50Page - STMicroelectronics STE2002DIE2 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
47/51
STE2002
OSC_IN
187
+1875.0
+946.5
VDD1_1
188
+1825.0
+946.5
VDD1_2
189
+1825.0
+839.5
VDD1_3
190
+1775.0
+946.5
VDD1_4
191
+1775.0
+839.5
VDD1_5
192
+1725.0
+946.5
VDD1_6
193
+1725.0
+839.5
VDD1_7
194
+1675.0
+946.5
VDD1_8
195
+1675.0
+839.5
VDD1_9
196
+1625.0
+946.5
VDD1_10
197
+1625.0
+839.5
VDD1_11
198
+1575.0
+946.5
VDD1_12
199
+1575.0
+839.5
VDD2_1
200
+1525.0
+946.5
VDD2_2
201
+1525.0
+839.5
VDD2_3
202
+1475.0
+946.5
VDD2_4
203
+1475.0
+839.5
VDD2_5
204
+1425.0
+946.5
VDD2_6
205
+1425.0
+839.5
VDD2_7
206
+1375.0
+946.5
VDD2_8
207
+1375.0
+839.5
VDD2_9
208
+1325.0
+946.5
VDD2_10
209
+1325.0
+839.5
VDD2_11
210
+1275.0
+946.5
VDD2_12
211
+1275.0
+839.5
BUSY_FLAG
212
+1125.0
+946.5
SDOUT
213
+975.0
+946.5
SDIN
214
+925.0
+946.5
SD/C
215
+875.0
+946.5
SCE
216
+825.0
+946.5
SCLK
217
+775.0
+946.5
Table 16. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)
VSSAUX
218
+625.0
+946.5
R/W
219
+575.0
+946.5
D7
220
+525.0
+946.5
D6
221
+475.0
+946.5
D5
222
+425.0
+946.5
D4
223
+375.0
+946.5
D3
224
+325.0
+946.5
D2
225
+275.0
+946.5
D1
226
+225.0
+946.5
D0
227
+175.0
+946.5
PD/C
228
+125.0
+946.5
E
229
+75.0
+946.5
RES
230
-75.0
+946.5
VSSAUX
231
-225.0
+946.5
SDA_OUT
232
-275.0
+946.5
SDA_OUT
233
-325.0
+946.5
SDA_IN
234
-375.0
+946.5
SCL
235
-425.0
+946.5
VSS_1
236
-975.0
+946.5
VSS_2
237
-975.0
+839.5
VSS_3
238
-1025.0
+946.5
VSS_4
239
-1025.0
+839.5
VSS_5
240
-1075.0
+946.5
VSS_6
241
-1075.0
+839.5
VSS_7
242
-1125.0
+946.5
VSS_8
243
-1125.0
+839.5
VSS_9
244
-1175.0
+946.5
VSS_10
245
-1175.0
+839.5
VSS_11
246
-1225.0
+946.5
VSS_12
247
-1225.0
+839.5
VSS_13
248
-1275.0
+946.5
Table 16. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51