전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMRG100M 데이터시트(PDF) 3 Page - SunLED Corporation

부품명 EMRG100M
상세설명  8.89mmx8.89mm LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMRG100M 데이터시트(HTML) 3 Page - SunLED Corporation

  EMRG100M Datasheet HTML 1Page - SunLED Corporation EMRG100M Datasheet HTML 2Page - SunLED Corporation EMRG100M Datasheet HTML 3Page - SunLED Corporation EMRG100M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 18, 2008
Drawing No : SDSA3886
V3
Checked : Shin Chi
P.3/4
Part Number:
EMRG100M
8.89mmx8.89mm LED LIGHT BAR
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4