| 전자부품 데이터시트 검색엔진 |
|
L9222 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9222 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() L9222 2/7 Table 2. ABSOLUTE MAXIMUM RATINGS Figure 3. PIN CONNECTION (Top view) Table 3. TRUTH TABLE For each input : H= High level L= Low level X = Don’t care Table 4. THERMAL DATA Symbol Parameter Value Unit VOUT Output Voltage – 0.7 to 50 V VCC Logic Supply Voltage 7 V Vi Input Voltage – 0.7 to VCC + 0.3 V Tj, TST Junction and Storage Temperature Range – 55 to 150 °C Enable Input Power Out HL ON HH OFF LX OFF Symbol Parameter Value Unit Rth j-amb Thermal Resistance Junction to ambient Max 90 °C/W Rth-J-case Thermal Resistance Junction to case Max 14 °C/W DIP16 SO20L |