| 전자부품 데이터시트 검색엔진 |
|
STTH2003CG-TR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH2003CG-TR 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Characteristics STTH2003C 2/11 1 Characteristics Note: To evaluate the conduction losses use the following equation: P = 0.75 x IF(AV) + 0.025 IF 2 (RMS)) Table 1. Absolute ratings (limiting values, per diode) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 300 V IF(RMS) RMS forward voltage 30 A IF(peak) Peak working forward current δ = 0.5 I2PAK, D2PAK, TO-220AB Tc = 140°C Per diode Per device 10 20 A TO-220FPAB Tc = 125°C IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 110 A IRSM Non repetitive avalanche current tp = 10 µs square 5A Tstg Storage temperature range -65 to + 175 °C Tj Maximum operating junction temperature 175 °C Table 2. Thermal resistance Symbol Parameter Value (max) Unit Rth(j-c) Junction to case I2PAK, D2PAK, TO-220AB Per diode 2.5 °C/W Total 1.3 TO-220FPAB Per diode 4.6 Total 4 Rth(c) I2PAK, D2PAK, TO-220AB Coupling 0.1 TO-220FPAB Coupling 3.5 Table 3. Static electrical characteristics (per diode) Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = 300 V 20 µA Tj = 125° C 30 300 VF (2) Forward voltage drop Tj = 25° C IF = 10 A 1.25 V Tj = 125° C 0.85 1 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % |