전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH1R04QRL 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH1R04QRL
상세설명  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04QRL 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STTH1R04QRL Datasheet HTML 2Page - STMicroelectronics STTH1R04QRL Datasheet HTML 3Page - STMicroelectronics STTH1R04QRL Datasheet HTML 4Page - STMicroelectronics STTH1R04QRL Datasheet HTML 5Page - STMicroelectronics STTH1R04QRL Datasheet HTML 6Page - STMicroelectronics STTH1R04QRL Datasheet HTML 7Page - STMicroelectronics STTH1R04QRL Datasheet HTML 8Page - STMicroelectronics STTH1R04QRL Datasheet HTML 9Page - STMicroelectronics STTH1R04QRL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STTH1R04
6/10
2
Package information
●
Epoxy meets UL94, V0
●
Cooling method: by conduction (C)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Table 6.
DO-41 (plastic) dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.1
5.20
0.160
0.205
B
2
2.71
0.080
0.107
C25.4
1
D
0.712
0.863
0.028
0.034
Table 7.
DO-15 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
ØD ØB
A
CC
D
B
A
CC



Html Pages

1 2 3 4 5 6 7 8 9 10