| 전자부품 데이터시트 검색엔진 |
|
STTH602CFP 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH602CFP 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 9 page ![]() STTH602C Package information 7/9 In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Table 6. TO-220FPAB Dimensions REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.4 4.6 0.173 0.181 B 2.5 2.7 0.098 0.106 D 2.5 2.75 0.098 0.108 E 0.45 0.70 0.018 0.027 F 0.75 1 0.030 0.039 F1 1.15 1.70 0.045 0.067 F2 1.15 1.70 0.045 0.067 G 4.95 5.20 0.195 0.205 G1 2.4 2.7 0.094 0.106 H 10 10.4 0.393 0.409 L2 16 Typ. 0.63 Typ. L3 28.6 30.6 1.126 1.205 L4 9.8 10.6 0.386 0.417 L5 2.9 3.6 0.114 0.142 L6 15.9 16.4 0.626 0.646 L7 9.00 9.30 0.354 0.366 Dia. 3.00 3.20 0.118 0.126 H A B Dia L7 L6 L5 F1 F2 F D E L4 G1 G L2 L3 |