전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2BB20DLSDLCR 데이터시트(PDF) 3 Page - SunLED Corporation

부품명 LM2BB20DLSDLCR
상세설명  OVAL SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2BB20DLSDLCR 데이터시트(HTML) 3 Page - SunLED Corporation

  LM2BB20DLSDLCR Datasheet HTML 1Page - SunLED Corporation LM2BB20DLSDLCR Datasheet HTML 2Page - SunLED Corporation LM2BB20DLSDLCR Datasheet HTML 3Page - SunLED Corporation LM2BB20DLSDLCR Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OVAL SOLID STATE LAMP
Part Number:
LM2BB20DLSDLCR
Published Date : MAR 17 ,2008
Drawing No : SDSA5997
V2
Checked : B.L.LIU
P.3/4
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4