| 전자부품 데이터시트 검색엔진 |
|
TL081CD 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL081CD 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 15 page ![]() June 2008 Rev 3 1/15 15 TL081 General purpose JFET single operational amplifiers Features ■ Wide common-mode (up to VCC +) and differential voltage range ■ Low input bias and offset current ■ Output short-circuit protection ■ High input impedance JFET input stage ■ Internal frequency compensation ■ Latch-up free operation ■ High slew rate: 16 V/µs (typ) Description The TL081, TL081A and TL081B are high-speed JFET input single operational amplifiers incorporating well matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The devices feature high slew rates, low input bias and offset currents, and low offset voltage temperature coefficient. N DIP8 (Plastic package) D SO-8 (Plastic micropackage) 1 - Offset null 1 2 - Inverting input 3 - Non-inverting input 4 - VCC - 5 - Offset null 2 6 - Output 7 - VCC + 8 - N.C. Pin connections (top view) www.st.com |
유사한 부품 번호 - TL081CD |
|
유사한 설명 - TL081CD |