전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL081ACD 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 TL081ACD
상세설명  General purpose JFET single operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081ACD 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button TL081ACD Datasheet HTML 7Page - STMicroelectronics TL081ACD Datasheet HTML 8Page - STMicroelectronics TL081ACD Datasheet HTML 9Page - STMicroelectronics TL081ACD Datasheet HTML 10Page - STMicroelectronics TL081ACD Datasheet HTML 11Page - STMicroelectronics TL081ACD Datasheet HTML 12Page - STMicroelectronics TL081ACD Datasheet HTML 13Page - STMicroelectronics TL081ACD Datasheet HTML 14Page - STMicroelectronics TL081ACD Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TL081
Package information
11/15
6
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15