| 전자부품 데이터시트 검색엔진 |
|
TS507ID 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS507ID 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() Electrical characteristics TS507 4/20 2 Electrical characteristics Table 3. Electrical characteristics at VCC =+5V, VDD =0V, Vicm =VCC/2, Tamb =25°C, RL connected to VCC/2 (unless otherwise specified) (1) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Input offset voltage(2) Vicm = 0 to 3.8V, T=25°C TS507C full temp range TS507I full temp range 25 100 250 400 µV Vicm = 0V to 5V, T=25°C TS507C full temp range TS507I full temp range 450 550 750 µV ΔVio/ΔtVio drift vs. temperature Tmin < Top < Tmax 1µV/°C Iib Input bias current T = 25°C TS507C full temp range TS507I full temp range 870 75 110 nA Iio Input offset current T = 25°C TS507C full temp range TS507I full temp range 225 35 50 nA CMRR Common mode rejection ratio 20 log ( ΔVicm/ΔVio) Vicm from 0V to 3.8V, T=25°C TS507C full temp range TS507I full temp range 94 94 91 115 dB Vicm from 0V to 5V 96 PSRR Power supply rejection ratio 20 log ( ΔVCC/ΔVio) VCC from 2.7V to 5.5V, Vicm=vcc/2, T=25°C TS507C full temp range TS507I full temp range 91 90 89 105 dB Avd Large signal voltage gain RL = 10kΩ, Vout= 0.5V to 4.5V Full temp range 99 98 131 dB VCC-VOH High level output voltage drop RL = 600Ω, T=25°C TS507C full temp range TS507I full temp range 67 95 110 120 mV RL = 10kΩ, T=25°C Full Temp range 415 15 VOL Low level output voltage RL = 600Ω, T=25°C TS507C full temp range TS507I full temp range 64 90 110 125 mV RL = 10kΩ, T=25°C Full temp range 415 15 |