| 전자부품 데이터시트 검색엔진 |
|
TSH80ILT 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH80ILT 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() Electrical characteristics TSH80-TSH81-TSH82 14/24 Figure 30. Group delay Figure 28. Standby mode - Ton, Toff Figure 29. Third order intermodulation(1) 1. The IFR2026 synthesizer generates a two-tone signal (F1=180kHz, F2=280kHz), each tone having the same amplitude. The HP3585 spectrum analyzer measures the intermodulation products as a function of the output voltage. The generator and the spectrum analyzer are phase locked for better accuracy. VCC= ±5V, open loop 0 2E-6 4E-6 6E-6 8E-6 Time (s) -5 0 5 Vout Standby Ton Toff Vin Gain=2, VCC= ±5V, ZL=150Ω/ /27pF, Tamb = 25°C 01 2 3 4 Vout peak(V) -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 80kHz 380kHz 640kHz 740kHz Gain=2, VCC= ±5V, ZL=150Ω//27pF, Tamb = 25°C Group Delay Gain 5.1ns |