전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSH93ID 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TSH93ID
상세설명  High-speed low power triple operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH93ID 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TSH93ID Datasheet HTML 5Page - STMicroelectronics TSH93ID Datasheet HTML 6Page - STMicroelectronics TSH93ID Datasheet HTML 7Page - STMicroelectronics TSH93ID Datasheet HTML 8Page - STMicroelectronics TSH93ID Datasheet HTML 9Page - STMicroelectronics TSH93ID Datasheet HTML 10Page - STMicroelectronics TSH93ID Datasheet HTML 11Page - STMicroelectronics TSH93ID Datasheet HTML 12Page - STMicroelectronics TSH93ID Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
TSH93
12/13
7
Ordering information
8
Revision history
Table 5.
Order codes
Part number
Temperature range
Package
Packaging
Marking
TSH93ID
TSH93IDT
-40°C, +125°C
SO-14
Tube or
Tape & reel
H93
TSH93IYD
TSH93IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-14
(Automotive grade level)
Tube or
Tape & reel
H93Y
Table 6.
Document revision history
Date
Revision
Changes
31-Oct-2000
1
First release.
1-Aug- 2005
3
PPAP references inserted in the datasheet see Order Codes table on
page 1.
24-Oct -2007
3
Added ESD parameters in Table 1: Absolute maximum ratings
(AMR).
PPAP footnote inserted in the datasheet see Table 5: Order codes on
page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13