전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F256P30T95 데이터시트(PDF) 78 Page - Numonyx B.V

부품명 JS28F256P30T95
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P30T95 데이터시트(HTML) 78 Page - Numonyx B.V

Back Button JS28F256P30T95 Datasheet HTML 74Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 75Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 76Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 77Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 78Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 79Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 80Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 81Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 82Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
P30
Datasheet
November 2007
78
Order Number: 306666-11
7.
The "current state" is that of the "chip" and not of the "partition"; Each partition "remembers" which output (Array, ID/CFI
or Status) it was last pointed to on the last instruction to the "chip", but the next state of the chip does not depend on
where the partition's output mux is presently pointing to.
8.
Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register) perform the operation and then
move to the Ready State.
9.
WA0 refers to the block address latched during the first write cycle of the current operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99