전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT00M 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 74ACT00M
상세설명  QUAD 2-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT00M 데이터시트(HTML) 7 Page - STMicroelectronics

  74ACT00M Datasheet HTML 1Page - STMicroelectronics 74ACT00M Datasheet HTML 2Page - STMicroelectronics 74ACT00M Datasheet HTML 3Page - STMicroelectronics 74ACT00M Datasheet HTML 4Page - STMicroelectronics 74ACT00M Datasheet HTML 5Page - STMicroelectronics 74ACT00M Datasheet HTML 6Page - STMicroelectronics 74ACT00M Datasheet HTML 7Page - STMicroelectronics 74ACT00M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74ACT00
7/8
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.1
0.433
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.85
0.9
0.95
0.335
0.354
0.374
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
4.9
5
5.1
0.193
0.197
0.201
E
6.25
6.4
6.5
0.246
0.252
0.256
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0
o
4
o
8
o
0
o
4
o
8
o
L
0.50
0.60
0.70
0.020
0.024
0.028
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
TSSOP14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8