| 전자부품 데이터시트 검색엔진 |
|
JS48F4400P0VB00 데이터시트(PDF) 54 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS48F4400P0VB00 데이터시트(HTML) 54 Page - Numonyx B.V |
|
54 / 99 page ![]() P30 Datasheet November 2007 54 Order Number: 306666-11 10.3.6 Burst Sequence The Burst Sequence (BS) bit selects linear-burst sequence (default). Only linear-burst sequence is supported. Table 28 shows the synchronous burst sequence for all burst lengths, as well as the effect of the Burst Wrap (BW) setting. 10.3.7 Clock Edge The Clock Edge (CE) bit selects either a rising (default) or falling clock edge for CLK. This clock edge is used at the start of a burst cycle, to output synchronous data, and to assert/deassert WAIT. Table 28: Burst Sequence Word Ordering Start Addr. (DEC) Burst Wrap (RCR[3]) Burst Addressing Sequence (DEC) 4-Word Burst (BL[2:0] = 0b001) 8-Word Burst (BL[2:0] = 0b010) 16-Word Burst (BL[2:0] = 0b011) Continuous Burst (BL[2:0] = 0b111) 0 0 0-1-2-3 0-1-2-3-4-5-6-7 0-1-2-3-4…14-15 0-1-2-3-4-5-6-… 1 0 1-2-3-0 1-2-3-4-5-6-7-0 1-2-3-4-5…15-0 1-2-3-4-5-6-7-… 2 0 2-3-0-1 2-3-4-5-6-7-0-1 2-3-4-5-6…15-0-1 2-3-4-5-6-7-8-… 3 0 3-0-1-2 3-4-5-6-7-0-1-2 3-4-5-6-7…15-0-1-2 3-4-5-6-7-8-9-… 40 4-5-6-7-0-1-2-3 4-5-6-7-8…15-0-1-2-3 4-5-6-7-8-9-10… 50 5-6-7-0-1-2-3-4 5-6-7-8-9…15-0-1-2-3-4 5-6-7-8-9-10-11… 60 6-7-0-1-2-3-4-5 6-7-8-9-10…15-0-1-2-3-4- 5 6-7-8-9-10-11-12-… 70 7-0-1-2-3-4-5-6 7-8-9-10…15-0-1-2-3-4-5- 6 7-8-9-10-11-12-13… 14 0 14-15-0-1-2…12-13 14-15-16-17-18-19-20-… 15 0 15-0-1-2-3…13-14 15-16-17-18-19-20-21-… 0 1 0-1-2-3 0-1-2-3-4-5-6-7 0-1-2-3-4…14-15 0-1-2-3-4-5-6-… 1 1 1-2-3-4 1-2-3-4-5-6-7-8 1-2-3-4-5…15-16 1-2-3-4-5-6-7-… 2 1 2-3-4-5 2-3-4-5-6-7-8-9 2-3-4-5-6…16-17 2-3-4-5-6-7-8-… 3 1 3-4-5-6 3-4-5-6-7-8-9-10 3-4-5-6-7…17-18 3-4-5-6-7-8-9-… 41 4-5-6-7-8-9-10-11 4-5-6-7-8…18-19 4-5-6-7-8-9-10… 51 5-6-7-8-9-10-11-12 5-6-7-8-9…19-20 5-6-7-8-9-10-11… 61 6-7-8-9-10-11-12-13 6-7-8-9-10…20-21 6-7-8-9-10-11-12-… 71 7-8-9-10-11-12-13- 14 7-8-9-10-11…21-22 7-8-9-10-11-12-13… 14 1 14-15-16-17-18…28-29 14-15-16-17-18-19-20-… 15 1 15-16-17-18-19…29-30 15-16-17-18-19-20-21-… |